Part Number Hot Search : 
102MP3 PF240A25 RTL82 01089 BPC2508 STD83 AM29F01 AD734
Product Description
Full Text Search
 

To Download 1N5226B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
1N5221B THRU 1N5259B
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:2.4V to 39V * Double slug type construction
DO-35
MECHANICAL DATA
* * * * * Case: Glass sealed case Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.13 gram
0.52O 25.0MIN
4.2MAX 2.0MAX
25.0MIN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in millimeters
SYMBOL Zener Current see Table "Characterisitics"
o Power Dissipation at Tamb=25 C
VALUE 500 (1) 175 -55 to + 175
UNITS
Ptot Tj Tstg
mW
o o
Junction Temperature Storage Temperature Range
C
C
K/mW Thermal Resistance Junction to Ambient Air RthA 0.3
(1)
Typ. Min. Max. Volts
Forward Voltage at IF=100mA
VF
1
Typ. Min. Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case. NOTE: Suffix "B" indicates Zener Voltage Tolerance 5%
160
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES (1N5221B THRU 1N5259B)
Nominal Zener Voltage VZ@IZT Volts
1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B
( )Izk=0.25mA
changes in the power dissipation due to the ambient temperature. Power dissipation Pd(mw)
40 IZ mA 50
Zener Test Current IZT mA
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2
Maximum Zener Impedance
ZZT@IZT ZZT@IZK( ) Ohms Ohms.
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
Typical Temperature Coefficient % / oC
-0.085 -0.085 -0.080 -0.080 +0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.085 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094
Maximum Reverse Maximum Regulator Leakage Current Current IR @VR IZM uA Volts mA
100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30
1N52-SERIES
25V 30V
2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39
191 182 168 162 151 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21.2 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.5
Breakdown characteristics
5V 10V 15V 20V
500 400 300 200 100
10 20 30 Test Current IZ 20mA
50
100 150 200 300
Ta(oC) Ambient Temperature.
0 1N5224 1N5235 1N5234 1N5232 1N5231 1N5230 1N5229 1N5228 1N5239 1N5241 1N5242 1N5245 1N5250 VZ 1N5252
DC COMPONENTS CO., LTD.
R
161
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of 1N5226B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X